Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # INA293A2IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA293A2IDBVT Datasheet HTML 16Page - Texas Instruments INA293A2IDBVT Datasheet HTML 17Page - Texas Instruments INA293A2IDBVT Datasheet HTML 18Page - Texas Instruments INA293A2IDBVT Datasheet HTML 19Page - Texas Instruments INA293A2IDBVT Datasheet HTML 20Page - Texas Instruments INA293A2IDBVT Datasheet HTML 21Page - Texas Instruments INA293A2IDBVT Datasheet HTML 22Page - Texas Instruments INA293A2IDBVT Datasheet HTML 23Page - Texas Instruments INA293A2IDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
• Place the power-supply bypass capacitor as close as possible to the device power supply and ground pins.
The recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added
to compensate for noisy or high-impedance power supplies.
8.4.2 Layout Example
OUT
GND
IN +
Vs
IN -
Via to GND Plane
Supply
Voltage
Bypass
Cap
Ground Plane
Figure 8-4. INA293A Recommended Layout
OUT
GND
Vs
IN -
IN +
Via to GND Plane
Supply
Voltage
Bypass
Cap
Ground Plane
Figure 8-5. INA293B Recommended Layout
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com