Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # INA293A2IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA293A2IDBVT Datasheet HTML 21Page - Texas Instruments INA293A2IDBVT Datasheet HTML 22Page - Texas Instruments INA293A2IDBVT Datasheet HTML 23Page - Texas Instruments INA293A2IDBVT Datasheet HTML 24Page - Texas Instruments INA293A2IDBVT Datasheet HTML 25Page - Texas Instruments INA293A2IDBVT Datasheet HTML 26Page - Texas Instruments INA293A2IDBVT Datasheet HTML 27Page - Texas Instruments INA293A2IDBVT Datasheet HTML 28Page - Texas Instruments INA293A2IDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
INA293A1IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A1IDBVRG4
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A1IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A1IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A2IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A2IDBVRG4
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A2IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A2IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A3IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A3IDBVRG4
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A3IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A3IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A4IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A4IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
INA293A4IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
INA293A5IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com