Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # INA293A2IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA293A2IDBVT Datasheet HTML 6Page - Texas Instruments INA293A2IDBVT Datasheet HTML 7Page - Texas Instruments INA293A2IDBVT Datasheet HTML 8Page - Texas Instruments INA293A2IDBVT Datasheet HTML 9Page - Texas Instruments INA293A2IDBVT Datasheet HTML 10Page - Texas Instruments INA293A2IDBVT Datasheet HTML 11Page - Texas Instruments INA293A2IDBVT Datasheet HTML 12Page - Texas Instruments INA293A2IDBVT Datasheet HTML 13Page - Texas Instruments INA293A2IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6.6 Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN- = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Output Current (mA)
0
5
10
15
20
25
30
35
40
GND
GND + 1
GND + 2
GND + 3
VS
VS - 1
VS - 2
VS - 3
25qC
125qC
-40qC
VS = 5 V
Figure 6-19. Output Voltage vs Output Current
Output Current (mA)
0
5
10
15
20
25
30
35
40
GND
GND + 1
GND + 2
GND + 3
VS
VS - 1
VS - 2
VS - 3
25qC
125qC
-40qC
VS = 20 V
Figure 6-20. Output Voltage vs Output Current
Frequency (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
10
100
1k
10k
100k
1M
10M
Figure 6-21. Output Impedance vs Frequency
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-22. Swing to Supply vs Temperature
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.000
0.005
0.010
0.015
0.020
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-23. Swing to GND vs Temperature
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
1M
G = 20
G = 500
Figure 6-24. Input Referred Noise vs Frequency
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com