Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT Datasheet(PDF) 27 Page - Texas Instruments

Part # INA293A2IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA293A2IDBVT Datasheet HTML 23Page - Texas Instruments INA293A2IDBVT Datasheet HTML 24Page - Texas Instruments INA293A2IDBVT Datasheet HTML 25Page - Texas Instruments INA293A2IDBVT Datasheet HTML 26Page - Texas Instruments INA293A2IDBVT Datasheet HTML 27Page - Texas Instruments INA293A2IDBVT Datasheet HTML 28Page - Texas Instruments INA293A2IDBVT Datasheet HTML 29Page - Texas Instruments INA293A2IDBVT Datasheet HTML 30Page - Texas Instruments INA293A2IDBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Oct-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
INA293A1IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
INA293A1IDBVRG4
SOT-23
DBV
5
3000
183.0
183.0
20.0
INA293A1IDBVT
SOT-23
DBV
5
250
183.0
183.0
20.0
INA293A1IDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
INA293A2IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
INA293A2IDBVRG4
SOT-23
DBV
5
3000
183.0
183.0
20.0
INA293A2IDBVT
SOT-23
DBV
5
250
183.0
183.0
20.0
INA293A2IDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
INA293A3IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
INA293A3IDBVRG4
SOT-23
DBV
5
3000
183.0
183.0
20.0
INA293A3IDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
INA293A3IDBVT
SOT-23
DBV
5
250
183.0
183.0
20.0
INA293A4IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
INA293A4IDBVT
SOT-23
DBV
5
250
183.0
183.0
20.0
INA293A4IDBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
INA293A5IDBVR
SOT-23
DBV
5
3000
183.0
183.0
20.0
INA293A5IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
INA293B1IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com