Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 7Page - STMicroelectronics TDA7801 Datasheet HTML 8Page - STMicroelectronics TDA7801 Datasheet HTML 9Page - STMicroelectronics TDA7801 Datasheet HTML 10Page - STMicroelectronics TDA7801 Datasheet HTML 11Page - STMicroelectronics TDA7801 Datasheet HTML 12Page - STMicroelectronics TDA7801 Datasheet HTML 13Page - STMicroelectronics TDA7801 Datasheet HTML 14Page - STMicroelectronics TDA7801 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DocID022674 Rev 4
11/48
TDA7801
Application diagrams
Table 3. PowerSO36 pin description
N°
Pin
Function
1
TAB
TAB connection (GND)
2
CD/DIAG
Clip detector and diagnostic output:
Overcurrent protection intervention
Thermal warning
Offset detection
POR (Open drain output)
3
OUT4-
Channel 4 (right rear) negative output
4
VCC
Channels 3-4 positive supply
5
PW_GND
Power ground channel 4
6
VCC
Channels 3-4 positive supply
7
OUT4+
Channel 4 (right rear) positive output
8
I2C Data
I2C Data / legacy mode mute
9
I2C Clock
I2C Clock / enable legacy mode
10
I2C Address
I2C Address
11
Pll loop
filter/Enable
Pll loop filter / Enable
12
OUT2+
Channel 2 (left rear) positive output
13
VCC
Channel 1-2 positive supply
14
NC
Not connected
15
PW_GND
Power ground channel 2
16
VCC
Channel 1-2 positive supply
17
OUT2-
Channel 2 (left rear) negative output
18
WS
Word Select (I2S bus, logic input)
19
OUT1-
Channel 1 (left front) negative output
20
NC
Not connected
21
NC
Not connected
22
PW_GND
Power ground channel 1
23
OUT1+
Channel 1 (left front) positive output
24
NC
Not connected
25
SCK
Serial clock (I2S bus, logic input)
26
SD2_4
Serial data channels 2 and 4 (I2S bus, logic input)
27
SD1_3
Serial data channels 1 and 3 (I2S bus, logic input)
28
Dgnd
Digital ground
29
Agnd
Analog ground
30
D3V
Digital 3.3 V supply filter
31
A3V
Analog 3.3 V supply filter
32
OUT3+
Channel 3 (right front) positive output
33
PW_GND
Power ground channel 3
34
NC
Not connected
35
NC
Not connected
36
OUT3-
Channel 3 (right front) negative output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com