Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 27Page - STMicroelectronics TDA7801 Datasheet HTML 28Page - STMicroelectronics TDA7801 Datasheet HTML 29Page - STMicroelectronics TDA7801 Datasheet HTML 30Page - STMicroelectronics TDA7801 Datasheet HTML 31Page - STMicroelectronics TDA7801 Datasheet HTML 32Page - STMicroelectronics TDA7801 Datasheet HTML 33Page - STMicroelectronics TDA7801 Datasheet HTML 34Page - STMicroelectronics TDA7801 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DocID022674 Rev 4
31/48
TDA7801
I2S bus interface
7
I2S bus interface
The TDA7801 accepts the I2S standard format that could be time division multiplexed
(TDM), however the WS still needs a 50% duty-cycle to work correctly. The Figure 34 shows
the different I2C settings allowed for the I2S interface (2,4 or 8 channels transmission on a
single serial data line (SD) can be selected). By I2C programming it is possible to choose
between the following interface settings:
a)
channel 1 and channel 3 channel on SD1_3 and channel 2 and channel 4 on
SD2_4
b)
all four channels on SD2_4. SD1_3 has not function.
c)
eight channels transferred on the SD2_4 line. This setting is feasible in the
PowerSO36 and Flexiwatt27 package.
Figure 34. TDM setting
The TDA7801 accepts the I2S standard format with a bit clock (SCK) equal to 64 fs.
Note, TDM setting is guaranteed for a maximum Fs = 96 kHz.
Figure 35. I2S format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com