Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 9Page - STMicroelectronics TDA7801 Datasheet HTML 10Page - STMicroelectronics TDA7801 Datasheet HTML 11Page - STMicroelectronics TDA7801 Datasheet HTML 12Page - STMicroelectronics TDA7801 Datasheet HTML 13Page - STMicroelectronics TDA7801 Datasheet HTML 14Page - STMicroelectronics TDA7801 Datasheet HTML 15Page - STMicroelectronics TDA7801 Datasheet HTML 16Page - STMicroelectronics TDA7801 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DocID022674 Rev 4
13/48
TDA7801
Electrical specifications
3.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 ; f = 1 kHz; Tamb = 25 °C; unless otherwise
specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
in amplifier mode
enable on amplifier mode muted
150
260
350
mA
It
Total quiescent drain current
in tristate mode
enable on tristate mode
30
45
60
mA
PO
Output power
RL = 4 ; max power
41
45
-
W
THD = 10 %
25
28
-
W
THD = 1 %
20
22
-
W
RL = 2 ; max power
70
78
-
W
RL = 2 ; THD 10%
43
49
-
W
RL = 2 ; THD 1%
34
38
-
W
THD
Total harmonic distortion
PO = 1 W to 10 W, f=1 kHz, GV1
-0.03
0.05
%
PO = 1 W to 10 W, f=10 kHz, GV1
-0.2
0.5
%
RL =100  input=-10 dBFS,
f=1 kHz, GV1,2,3,4
-0.01
0.02
%
CT
Cross talk
f = 1 kHz to 10 kHz
60
80
-
dB
GV1
Voltage gain 1
Output voltage @ -10 dBFS
14.9
-
16.9
dB (Vp)
GV2
Voltage gain 2
9.45
-
11.45 dB (Vp)
GV3
Voltage gain 3
6.9
-
8.9
dB (Vp)
GV4
Voltage gain 4
1.45
-
3.45
dB (Vp)
FSV1
Full scale voltage GV1
Output voltage @ 0 dBFS
VS=18 V; RL = 100 
12.7
-
-
Vrms
FSV2
Full scale voltage GV2
Output voltage @ 0 dBFS
6.65
-
8.35
Vrms
FSV3
Full scale voltage GV3
4.9
-
6.2
Vrms
FSV4
Full scale voltage GV4
2.65
-
3.35
Vrms
DG
Delta voltage gain
20 Hz – 20 kHz
Po =1 W
-0.5
-
0.5
dB
DR
Dynamic range
GV = GV1
GV = GV2
GV = GV3
GV = GV4
Bw=20 Hz to 20 kHz, un
weighted
105
100
100
98
110
105
105
103
-dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com