Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 8Page - STMicroelectronics TDA7801 Datasheet HTML 9Page - STMicroelectronics TDA7801 Datasheet HTML 10Page - STMicroelectronics TDA7801 Datasheet HTML 11Page - STMicroelectronics TDA7801 Datasheet HTML 12Page - STMicroelectronics TDA7801 Datasheet HTML 13Page - STMicroelectronics TDA7801 Datasheet HTML 14Page - STMicroelectronics TDA7801 Datasheet HTML 15Page - STMicroelectronics TDA7801 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Electrical specifications
TDA7801
12/48
DocID022674 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak1
Peak supply voltage (for t = 50 ms)
50
V
Vpeak2
Peak supply voltage (for t = 500 ms)
34
V
Vi2cdata
I2C bus data pin voltage / legacy mode mute
20
V
Vi2ck
I2C bus clock pin voltage / enable legacy mode
50
V
Vi2s
I2S bus pins voltage
3.6
V
IO
Output peak current (not repetitive t = 100 µs)
8
A
IO
Output peak current (repetitive f > 10 Hz)
6
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Fs max
Maximum input sample rate
200
kHz
Tamb
Operative temperature range(1)
1. A suitable heatsink/dissipation system should be used to keep Tj inside the specific limits.
-40 to 105
°C
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
Cmax
Maximum capacitor vs. ground connected to the output
10
nF
Table 5. Thermal data
Symbol
Parameter
PowerSO36
Flexiwatt 27
Unit
Rth j-case Thermal resistance junction-to-case
Max
1
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com