Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXTPU12RAM08XSC Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # MXTPU12RAM08XSC
Description  M12 X Coding Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

MXTPU12RAM08XSC Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  MXTPU12RAM08XSC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
148 Circular Automation Connectors
Buccaneer
M12 X Coding Series
PXPTPU12FIM08XFB010PU
8 pole
Choice of cable lengths
TPU flex body overmold
PU jacket cable
Part Number
Code
Termination
PXPTPU12FIM08XFB010PU
PXPTPU12FIM08XFB020PU
PXPTPU12FIM08XFB030PU
PXPTPU12FIM08XFB050PU
PXPTPU12FIM08XFB100PU
08
08
08
08
08
X
X
X
X
X
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Poles
Code
Lead Length
1m
2m
3m
5m
10m
Cable Material
PU
PU
PU
PU
PU
PXPTPU12FIM08XRJ010PU
8 pole
Choice of cable lengths
TPU flex body overmold
PU jacket cable
Part Number
Code
Termination
PXPTPU12FIM08XRJ010PU
PXPTPU12FIM08XRJ020PU
PXPTPU12FIM08XRJ030PU
PXPTPU12FIM08XRJ050PU
PXPTPU12FIM08XRJ100PU
08
08
08
08
08
X
X
X
X
X
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Poles
Code
Lead Length
1m
2m
3m
5m
10m
Cable Material
PU
PU
PU
PU
PU
PXPTPU12FBF08XRJ010PU
8 pole
Choice of cable lengths
TPU flex body overmold
PU jacket cable
Part Number
Code
Termination
PXPTPU12FBF08XRJ010PU
PXPTPU12FBF08XRJ020PU
PXPTPU12FBF08XRJ030PU
PXPTPU12FBF08XRJ050PU
PXPTPU12FBF08XRJ100PU
08
08
08
08
08
X
X
X
X
X
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Poles
Code
Lead Length
1m
2m
3m
5m
10m
Cable Material
PU
PU
PU
PU
PU



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com