Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXTPU12RAM08XSC Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # MXTPU12RAM08XSC
Description  M12 X Coding Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

MXTPU12RAM08XSC Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  MXTPU12RAM08XSC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
150 Circular Automation Connectors
Specifications
No. Poles:
8
Current Rating:
0.5A
Voltage Rating (ac/dc) :
48V
Contact Resistance:
<5mΩ
Insulation Resistance:
>100MΩ
Operating Temp Range:
-25°C to 85°C
Electrical
Mechanical:
Locking Mechanism:
Screw coupling
Series
Orientation
PXM
PXP
M
F
MX
Sealing:
IP67
Contact Accomodation:
8 Pole
26AWG x 4P + AEB
Mechanical Operation:
500 mating cycles
Largest diameter over
coupling ring:
20.0mm
Materials:
Body:
Coupling Nut:
Colour:
Pin Contacts:
Socket Contacts:
O Rings & Gaskets:
RoHS:
Panel Mount:
Nickel Plated Brass
Nickel Plated Brass
Grey
Brass, Gold plating
Phosphor Bronze, Gold plating
Viton
Compliant
Cable Connectors:
TPU
Nickel Plated Brass
Black
Brass, Gold plating
Phosphor Bronze, Gold plating
Viton
Compliant
Material
BNI = Brass Nickel
TPU = overmold for PUR
XXX
Series Size
12
XX
Body Style
FB = Flex Body
FI = Flex Inline Body
RP = Rear Panel Mounting
RA = Right Angle
XX
X
NO. Contacts
08
XX
Code
X
X
Termination
PC = PCB
CL = Cable
SC = Solder
RJ = RJ45
FB = FLEX BODY
FI = FLEX INLINE BODY
XX
Lead Length
010
020
030
050
100
XXX
Cable Material
PU
XXX
Terminations:
8
PCB / Solder / Cable
Cable:
6.2mm Dia
Flex & Inline Connectors:
Nickel Plated Brass
Nickel Plated Brass
Grey
Brass, Gold plating
Phosphor Bronze, Gold plating
Viton
Compliant
XXX
Mounting / Gland Nut Thread
PG9
M16
Buccaneer
M12 X Coding Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com