Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXTPU12RAM08XSC Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # MXTPU12RAM08XSC
Description  M12 X Coding Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

MXTPU12RAM08XSC Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  MXTPU12RAM08XSC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Circular Automation Connectors 151
41
3
8 pins
X Code
Front View
2
5
67
8
72
8
8 pins
X Code
Front View
1
6
54
3
72
8
8 pins
X Code
Front View
1
6
54
3
Contact Diagrams:
Buccaneer
M12 X Coding Series
Specifications
PXMBNI12RPM08XPCM16
PXMBNI12FIM08XSCPG9
PXMBNI12RPF08XPCM16
PXMBNI12FBF08XSCPG9
PXMBNI12RAF08XRJM16
PXMBNI12RPM08XRJM16
PXPTPU12FIM08XFI010PU
41
3
8 pins
X Code
Front View
2
5
67
8
72
8
8 pins
X Code
Front View
1
6
54
3
72
8
8 pins
X Code
Front View
1
6
54
3
81
41
3
8 pins
X Code
Front View
2
5
67
8
PXPTPU12FIM08XRJ010PU
4
1
3
8 pins
X Code
Front View
2
5
67
8
1
8
RJ45
PXPTPU12FBF08XRJ010PU
7
2
8
8 pins
X Code
Front View
1
6
54
3
1
8
RJ45
P1
PAIR
WIRE COLOUR
1
2
3
4
5
6
7
8
WHITE / ORANGE
WHITE / GREEN
WHITE / BLUE
WHITE / BROWN
P2
1
2
3
4
5
6
7
8
P1
PAIR
WIRE COLOUR
1
2
3
4
5
6
7
8
SHELL
WHITE / ORANGE
WHITE / GREEN
WHITE / BLUE
WHITE / BROWN
P2
1
2
3
4
5
6
7
8
SHELL
41
3
8 pins
X Code
Front View
2
5
67
8
PXPTPU12FBF08XFB010PU
72
8
8 pins
X Code
Front View
1
6
54
3
PXPTPU12FIM08XFB010PU
P1
PAIR
WIRE COLOUR
1
2
3
4
5
6
7
8
SHELL
WHITE / ORANGE
WHITE / GREEN
WHITE / BLUE
WHITE / BROWN
P2
1
2
3
4
5
6
7
8
SHELL
BRAID
PXPTPU12FIM08XCL010PU
PXPTPU12FBF08XCL010PU
72
8
8 pins
X Code
Front View
1
6
54
3
41
3
8 pins
X Code
Front View
2
5
67
8
TINNED
WIRES
TINNED
WIRES
P1
PAIR
WIRE COLOUR
1
2
3
4
5
6
7
8
SHELL
WHITE / ORANGE
WHITE / GREEN
WHITE / BLUE
WHITE / BROWN
P2
BRAID
P1
P2
P1
P2
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com