Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXTPU12RAM08XSC Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # MXTPU12RAM08XSC
Description  M12 X Coding Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

MXTPU12RAM08XSC Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  MXTPU12RAM08XSC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XSC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Circular Automation Connectors 149
PXPTPU12FIM08XCL010PU
8 pole
Choice of cable lengths
TPU flex body overmold
PU jacket cable
Part Number
Code
Termination
PXPTPU12FIM08XCL010PU
PXPTPU12FIM08XCL020PU
PXPTPU12FIM08XCL030PU
PXPTPU12FIM08XCL050PU
PXPTPU12FIM08XCL100PU
08
08
08
08
08
X
X
X
X
X
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Poles
Code
Lead Length
1m
2m
3m
5m
10m
Cable Material
PU
PU
PU
PU
PU
Buccaneer
M12 X Coding Series
PXPTPU12FBF08XCL010PU
8 pole
Choice of cable lengths
TPU flex body overmold
PU jacket cable
Part Number
Code
Termination
PXPTPU12FBF08XCL010PU
PXPTPU12FBF08XCL020PU
PXPTPU12FBF08XCL030PU
PXPTPU12FBF08XCL050PU
PXPTPU12FBF08XCL100PU
08
08
08
08
08
X
X
X
X
X
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Poles
Code
Lead Length
1m
2m
3m
5m
10m
Cable Material
PU
PU
PU
PU
PU
PA66 M12 Sealing Cap
PXPPAM12
Sealing caps to maintain
IP rating
Male & Female versions
Part Number
Type
Material
PXPPAM12CAM
PXPPAM12CAF
M12
M12
Male
Female
PA66
PA66
Series
Brass - Nickel Plating M12 Sealing Cap
PXMBNI12
Sealing caps to maintain
IP rating
Male & Female versions
Part Number
Type
Material
PXMBNI12CAM
PXMBNI12CAF
M12
M12
Male
Female
Brass - Nickel Plating
Brass - Nickel Plating
Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com