Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV593VFPR Datasheet HTML 1Page - Texas Instruments DRV593VFPR Datasheet HTML 2Page - Texas Instruments DRV593VFPR Datasheet HTML 3Page - Texas Instruments DRV593VFPR Datasheet HTML 4Page - Texas Instruments DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2.3xR(DRV593)
14.5xR(DRV594)
_
+
_
+
_
+
_
+
2.3xR(DRV593)
14.5xR(DRV594)
_
+
_
+
Gate
Drive
Gate
Drive
AVDD
OC
Detect
Start-Up
Protection
Logic
Thermal
VDDok
Ramp
Generator
Biases
and
References
TTL
Input
Buffer
IN−
IN+
SHUTDOWN
R
R
AGND
AVDD
PVDD
H/C
PGND
PVDD
PWM
PGND
FAULT0
FAULT1
INT/EXT
FREQ
COSC
ROSC
AREF
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
FUNCTIONAL BLOCK DIAGRAM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Efficiency
vs Load resistance
2, 3
vs Supply voltage
4
rDS(on)
Drain-source on-state resistance
vs Free-air temperature
5
vs Free-air temperature
6
Iq
Supply current
vs Supply voltage
7
PSRR
Power supply rejection ratio
vs Frequency
8, 9
Closed loop response
12, 13
vs Output voltage
14
IO
Maximum output current
vs Ambient temperature
15
VIO
Input offset voltage
Common-mode input voltage
16, 17
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com