Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PWM
VDD
VDD
0
IN −
IN +
0
H/C
VDD
0
1
µF
AVDD
AGND (Connect to PowerPAD)
ROSC
COSC
AREF
IN+
IN−
IN−
H/C
PGND
PGND
PGND
PGND
PGND
PGND
PWM
120 k
Ω
220 pF
1
µF
Shutdown Control
1 k
Ω
1 k
Ω
DC Control
Voltage
10
µF
VDD
10
µH
1
µF
FAULT1
FAULT0
To TEC or Laser
Diode Anode
To TEC or Laser
Diode Cathode
1
µF
SHUTDOWN
DRV593
DRV594
10
µF
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
To avoid this phenomenon, hysteresis should be implemented in the control loop to prevent the device from
operating within this region. Although planning for operation during the zero-crossing is important, the normal
operating points for the DRV593 and DRV594 are outside of this region. For laser temperature/wavelength
regulation, the zero volts output condition is only a concern when the laser temperature or wavelength, relative to
the ambient temperature, requires no heating or cooling from the TEC element.
Figure 20. Transition From Cooling to Heating
Figure 21. Typical Application Circuit
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com