Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
2
4
6
8
10
12
14
16
10
100
1k
10k
100k
−70
−60
−50
−40
−30
−20
−10
0
10
Gain
Phase
f − Frequency − Hz
VDD =3.3V
NoLoad
10
100
1k
10k
100k
−80
−70
−60
−50
−40
−30
−20
−10
0
10
f − Frequency − Hz
Gain
Phase
0
1
2
3
4
VDD = 3.3 V
No Load
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
TJ = 100°C
TJ = 85°C
TJ = 125°C
VDD = 5 V
TA = 25°C
VFP Package
VO − Output Voltage − V
0
0.5
1
1.5
2
2.5
3
3.5
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80
TA − Ambient Temperature − °C
TJ ≤ 125°C
VFP Package
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
DRV593
DRV594
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
Figure 12.
Figure 13.
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
vs
vs
OUTPUT VOLTAGE
AMBIENT TEMPERATURE
Figure 14.
Figure 15.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com