Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV593VFPR Datasheet HTML 1Page - Texas Instruments DRV593VFPR Datasheet HTML 2Page - Texas Instruments DRV593VFPR Datasheet HTML 3Page - Texas Instruments DRV593VFPR Datasheet HTML 4Page - Texas Instruments DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ActualSize
9mmSquare
1
µF
AVDD
AGND (Connect to PowerPAD)
ROSC
COSC
AREF
IN+
IN−
IN−
H/C
PGND
PGND
PGND
PGND
PGND
PGND
PWM
120 k
Ω
220 pF
1
µF
Shutdown Control
1 k
Ω
1 k
Ω
DC Control
Voltage
10
µF
VDD
10
µH
1
µF
FAULT1
FAULT0
To TEC or Laser
Diode Anode
To TEC or Laser
Diode Cathode
1
µF
SHUTDOWN
DRV593
DRV594
10
µF
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
±3-A HIGH-EFFICIENCY PWM POWER DRIVER
Check for Samples: DRV593, DRV594
1
FEATURES
DESCRIPTION
2
•
Operation Reduces Output Filter Size and Cost
by 50% Compared to DRV591
The
DRV593
and
DRV594
are
high-efficiency,
high-current power amplifiers ideal for driving a wide
•
±3-A Maximum Output Current
variety of thermoelectric cooler elements in systems
•
Low Supply Voltage Operation: 2.8 V to 5.5 V
powered from 2.8 V to 5.5 V. The operation of the
•
High Efficiency Generates Less Heat
device requires only one inductor and capacitor for
•
Overcurrent and Thermal Protection
the output filter, saving significant printed-circuit
board area. Pulse-width modulation (PWM) operation
•
Fault Indicators for Overcurrent, Thermal and
and low output stage on-resistance significantly
Undervoltage Conditions
decrease power dissipation in the amplifier.
•
Two Selectable Switching Frequencies
The DRV593 and DRV594 are internally protected
•
Internal or External Clock Sync
against thermal and current overloads. Logic-level
•
PWM Scheme Optimized for EMI
fault indicators signal when the junction temperature
has reached approximately 128°C to allow for
•
9×9 mm PowerPAD™ Quad Flatpack Package
system-level shutdown before the amplifier's internal
thermal
shutdown
circuitry
activates.
The
fault
APPLICATIONS
indicators also signal when an overcurrent event has
•
Thermoelectric Cooler (TEC) Driver
occurred. If the overcurrent circuitry is tripped, the
•
Laser Diode Biasing
devices
automatically
reset
(see
application
information section for more details).
The PWM switching frequency may be set to 500 kHz
or 100 kHz depending on system requirements. To
eliminate external components, the gain is fixed at
2.3 V/V for the DRV593. For the DRV594, the gain is
fixed at 14.5 V/V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV593VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV593VFPR TI-DRV593VFPR Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV593VFPR TI1-DRV593VFPR Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV593VFPRG4 TI1-DRV593VFPRG4 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
More results

Similar Description - DRV593VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
ADTech
ADT6750 ADTECH-ADT6750 Datasheet
77Kb / 1P
PWM High-Efficiency LED driver with a built in internal power MOSFET capable
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI1-DRV593_15 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com