Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA193 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA193 Datasheet HTML 13Page - Texas Instruments INA193 Datasheet HTML 14Page - Texas Instruments INA193 Datasheet HTML 15Page - Texas Instruments INA193 Datasheet HTML 16Page - Texas Instruments INA193 Datasheet HTML 17Page - Texas Instruments INA193 Datasheet HTML 18Page - Texas Instruments INA193 Datasheet HTML 19Page - Texas Instruments INA193 Datasheet HTML 20Page - Texas Instruments INA193 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
LOAD
V
SUPPLY
f-3dB =
f
-
3dB
1
2 (2R
)C
p
FILT
FILT
C
FILT
R
<< R
SHUNT
FILTER
R
<100W
FILT
R
<100W
FILT
VIN+
VIN-
+5V
V+
OUT
INA193-INA198
R
1
5kW
R
L
R
1
5kW
GainError%=100 -
5kW
5k
+R
W
FILT
´ 100
17
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
(1)
Total effect on gain error can be calculated by replacing the 5-kΩ term with 5 kΩ − 30%, (or 3.5 kΩ) or 5 kΩ +
30% (or 6.5 kΩ). The tolerance extremes of RFILT can also be inserted into the equation. If a pair of 100-Ω 1%
resistors are used on the inputs, the initial gain error will be approximately 2%. Worst-case tolerance conditions
will always occur at the lower excursion of the internal 5-kΩ resistor (3.5 kΩ), and the higher excursion of RFILT −
3% in this case.
Note that the specified accuracy of the INA193-INA198 devices must then be combined in addition to these
tolerances. While this discussion treated accuracy worst-case conditions by combining the extremes of the
resistor values, it is appropriate to use geometric mean or root sum square calculations to total the effects of
accuracy variations.
Figure 25. Input Filter (Gain Error
− 1.5% To −2.2%)
8.4.2 Accuracy Variations as a Result of VSENSE and Common-Mode Voltage
The accuracy of the INA193
−INA198 current shunt monitors is a function of two main variables: VSENSE (VIN+ −
VIN−) and common-mode voltage, VCM, relative to the supply voltage, VS. VCM is expressed as (VIN+ + VIN−)/2;
however, in practice, VCM is seen as the voltage at VIN+ because the voltage drop across VSENSE is usually small.
This section addresses the accuracy of these specific operating regions:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
Low VSENSE Case 1: VSENSE < 20mV, −16V ≤ VCM < 0
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com