Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA193 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA193 Datasheet HTML 8Page - Texas Instruments INA193 Datasheet HTML 9Page - Texas Instruments INA193 Datasheet HTML 10Page - Texas Instruments INA193 Datasheet HTML 11Page - Texas Instruments INA193 Datasheet HTML 12Page - Texas Instruments INA193 Datasheet HTML 13Page - Texas Instruments INA193 Datasheet HTML 14Page - Texas Instruments INA193 Datasheet HTML 15Page - Texas Instruments INA193 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
R
S
Load
V
IN+
-
16Vto+80V
I
S
V
IN+
V
IN
-
+2.7Vto+18V
V+
OUT
INA193-INA198
R
1
R
L
R
2
12
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Basic Connection
Figure 20 shows the basic connection of the INA193-INA198. To minimize any resistance in series with the shunt
resistance, connect the input pins, VIN+ and VIN−, as closely as possible to the shunt resistor.
Power-supply bypass capacitors are required for stability. Applications with noisy or high impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
Figure 20. INA193-INA198 Basic Connection
8.3.2 Selecting RS
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is attained with an RS value that provides a full-scale shunt
voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is 500 mV.
8.3.3 Inside the INA193-INA198
The INA193-INA198 devices use a new, unique internal circuit topology that provides common-mode range
extending from
−16 to 80 V while operating from a single power supply. The common-mode rejection in a classic
instrumentation amplifier approach is limited by the requirement for accurate resistor matching. By converting the
induced input voltage to a current, the INA193-INA198 devices provide common-mode rejection that is no longer
a function of closely matched resistor values, providing the enhanced performance necessary for such a wide
common-mode range. A simplified diagram (shown in Figure 21) shows the basic circuit function. When the
common-mode voltage is positive, amplifier A2 is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com