Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA193 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 5 Page - Texas Instruments

  INA193 Datasheet HTML 1Page - Texas Instruments INA193 Datasheet HTML 2Page - Texas Instruments INA193 Datasheet HTML 3Page - Texas Instruments INA193 Datasheet HTML 4Page - Texas Instruments INA193 Datasheet HTML 5Page - Texas Instruments INA193 Datasheet HTML 6Page - Texas Instruments INA193 Datasheet HTML 7Page - Texas Instruments INA193 Datasheet HTML 8Page - Texas Instruments INA193 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
(1)
Total output error includes effects of gain error and VOS.
(2)
For details on this region of operation, see the Accuracy Variations as a Result of VSENSE and Common-Mode Voltage section.
(3)
See Typical Characteristic curve Output Swing vs Output Current, Figure 7.
(4)
Specified by design.
7.5 Electrical Characteristics
All specifications at TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA = 25°C
TA = −40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
VSENSE
Full-Scale Input Voltage
VSENSE = VIN+ − VIN−
0.15
(VS – 0.2)/Gain
–16
V
VCM
Common-Mode Input
Range
80
–16
V
CMR
Common-Mode Rejection VIN+ = −16 V to 80 V
80
94
dB
Common-Mode
Rejection, Over
Temperature
VIN+ = 12 V to 80 V
100
120
dB
VOS
Offset Voltage, RTI
±0.5
2
mV
Offset Voltage, RTI Over
Temperature
0.5
3
mV
dVOS/dT
Offset Voltage, RTI vs
Temperature
2.5
μV/°C
PSR
Offset Voltage, RTI vs
Power Supply
VS = 2.7 V to 18 V, VIN+ = 18 V
5
100
μV/V
IB
Input Bias Current, VIN−
pin
±8
±16
μA
OUTPUT (VSENSE ≥ 20mV)
G
Gain
INA193, INA196
20
V/V
INA194, INA197
50
V/V
INA195, INA198
100
V/V
Gain Error
VSENSE = 20 mV to 100 mV,
TA = 25°C
±0.2%
±1%
Gain Error Over
Temperature
VSENSE = 20 mV to 100 mV
±2
Total Output Error(1)
VSENSE = 100 mV
±0.75%
±2.2%
Total Output Error Over
Temperature
±1%
±3%
Nonlinearity Error
VSENSE = 20 mV to 100 mV
±0.002%
±0.1%
RO
Output Impedance
1.5
Ω
Maximum Capacitive
Load
No Sustained Oscillation
10
nF
Output(2)
All
Devices
−16 V ≤ VCM < 0 V,
VSENSE < 20 mV
300
mV
VS < VCM ≤ 80 V,
VSENSE < 20 mV
300
INA193,
INA196
0 V
≤ VCM ≤ VS,
VS = 5 V,
VSENSE < 20 mV
0.4
V
INA194,
INA197
1
V
INA195,
INA198
2
V
VOLTAGE OUTPUT(3) (RL = 100 kΩ to GND)
Swing to V+ Power-
Supply Rail
(V+) – 0.1
(V+) – 0.2
V
Swing to GND(4)
(VGND) + 3
(VGND) + 50
mV
FREQUENCY RESPONSE
BW
Bandwidth
INA193,
INA196
CLOAD = 5 pF
500
kHz
INA194,
INA197
300
kHz
INA195,
INA198
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com