Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA193 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA193 Datasheet HTML 7Page - Texas Instruments INA193 Datasheet HTML 8Page - Texas Instruments INA193 Datasheet HTML 9Page - Texas Instruments INA193 Datasheet HTML 10Page - Texas Instruments INA193 Datasheet HTML 11Page - Texas Instruments INA193 Datasheet HTML 12Page - Texas Instruments INA193 Datasheet HTML 13Page - Texas Instruments INA193 Datasheet HTML 14Page - Texas Instruments INA193 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
A1
A2
RL
(1)
VIN+
VIN
V+
OUT
INA193-INA198
R1
(1)
5 k:
G = 20, RL = 100 k:
G = 50, RL = 250 k:
G = 100, RL = 500 k:
R1
(1)
5 k:
GND
11
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA193
−INA198 family of current shunt monitors with voltage output can sense drops across shunts at
common-mode voltages from
−16 V to +80 V, independent of the INA19x supply voltage. They are available with
three output voltage scales: 20 V/V, 50 V/V, and 100 V/V. The 500-kHz bandwidth simplifies use in current
control loops. The INA193
−INA195 devices provide identical functions but alternative pin configurations to the
INA196
−INA198, respectively.
The INA193
−INA198 devices operate from a single +2.7-V to +18-V supply, drawing a maximum of 900 μA of
supply current. They are specified over the extended operating temperature range (
−40°C to +125°C), and are
offered in a space-saving SOT-23 package.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com