Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS20-GS/PVC-BK Datasheet(PDF) 1 Page - HellermannTyton.

Part # LTS20-GS/PVC-BK
Description  LTS Galvanised Steel Conduit with PVC Cover 10m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

LTS20-GS/PVC-BK Datasheet(HTML) 1 Page - HellermannTyton.

  LTS20-GS/PVC-BK Datasheet HTML 1Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 2Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 3Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LTS Galvanised Steel Conduit with PVC Cover 10m
Art.-No. 166-31912
166-31912 | LTS20-GS/PVC-BK | 
More products in this product group:
Metallic conduits with liquid-tight cover >
Details
Liquid-tight (IP68 and IP69k with LTS ttings)
High compression, tensile and impact strength
Good exibility
Smooth outer cover does not wrinkle when bent
Good resistance to acids, petrol, oils and greases
Suitable for outdoor use
06/05/2023


Similar Part No. - LTS20-GS/PVC-BK

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LTS2242 VBSEMI-LTS2242 Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Lite-On Technology Corp...
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS2301AWC LITEON-LTS2301AWC Datasheet
149Kb / 5P
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
logo
LEM
LTS25-NP LEM-LTS25-NP Datasheet
817Kb / 3P
Current Transducer
LTS25-NP LEM-LTS25-NP Datasheet
243Kb / 3P
Current Transducer
More results

Similar Description - LTS20-GS/PVC-BK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
PowerDynamics, Inc
PDSN-1 POWERDYNAMICS-PDSN-1 Datasheet
42Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-2 POWERDYNAMICS-PDSN-2 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-3 POWERDYNAMICS-PDSN-3 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-4 POWERDYNAMICS-PDSN-4 Datasheet
42Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-6 POWERDYNAMICS-PDSN-6 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER FOR PP9 TYPE BATTERY
PDSN-8 POWERDYNAMICS-PDSN-8 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-9 POWERDYNAMICS-PDSN-9 Datasheet
40Kb / 1P
9V BATTERY SNAP SET WITH PVC COVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com