Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS20-GS/PVC-BK Datasheet(PDF) 2 Page - HellermannTyton.

Part # LTS20-GS/PVC-BK
Description  LTS Galvanised Steel Conduit with PVC Cover 10m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

LTS20-GS/PVC-BK Datasheet(HTML) 2 Page - HellermannTyton.

  LTS20-GS/PVC-BK Datasheet HTML 1Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 2Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 3Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Base Data
Application
Flexible galvanised steel conduit with smooth, liquid-tight PVC
cover. Ful lls IP66, IP67, IP68 and IP69k with LTS- ttings. LTS is
used in machine tools and outdoor installations, wherever
liquid-tight is a requirement.
Application Tool
CONCLAMP
Colour
Black (BK)
Conduit Model
Metallic with smooth plastic coating, liquid-tight
Material
Galvanised Steel (GS), Polyvinylchloride (PVC)
Pack Content
10 m
Package Content packed in
reel
PART DESCRIPTION
LTS20-GS/PVC-BK
Product Family
LTS Galvanised steel conduit, PVC cover
Product Group
Metallic conduits with liquid-tight cover



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com