Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS20-GS/PVC-BK Datasheet(PDF) 3 Page - HellermannTyton.

Part # LTS20-GS/PVC-BK
Description  LTS Galvanised Steel Conduit with PVC Cover 10m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

LTS20-GS/PVC-BK Datasheet(HTML) 3 Page - HellermannTyton.

  LTS20-GS/PVC-BK Datasheet HTML 1Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 2Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 3Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Dimensions
Bending Radius min. (R)
65 mm
Diameter (D)
16.0 mm
Inside Ø (ID)
16.0 mm
Nominal ∅
20 mm
Nominal ∅
0.81 "
Outside Ø (OD)
21.1 mm
Weight
407 g/m
Speci cations
CE Certi cation
Yes
Electrical characteristics
Not speci ed
ELV compliant (Article 4 - 2)
YES
EN61386 Classi cation
443340684410
Hazardous good
No
IP-Rating
IP69k, IP68
Operating Temperature
-20 °C to +105 °C
Speci cations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com