Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS20-GS/PVC-BK Datasheet(PDF) 4 Page - HellermannTyton.

Part # LTS20-GS/PVC-BK
Description  LTS Galvanised Steel Conduit with PVC Cover 10m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

LTS20-GS/PVC-BK Datasheet(HTML) 4 Page - HellermannTyton.

  LTS20-GS/PVC-BK Datasheet HTML 1Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 2Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 3Page - HellermannTyton. LTS20-GS/PVC-BK Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Subscribe to our newsletter 
Logistics and Packaging
GTIN-13 / EAN
4031026319919
Packaging 1 - Height (m)
0.108 m
Packaging 1 - Length (m)
0.403 m
Packaging 1 - Qty
10
Packaging 1 - Type
reel
Packaging 1 - Volume (m³)
0.01754 m³
Packaging 1 - Weight (kg)
4.69 kg
Packaging 1 - Width (m)
0.403 m
Packaging 4 - Length (m)
1.2 m
Packaging 4 - Qty
420
Packaging 4 - Type
pallet
Packaging 4 - Weight (kg)
217.98 kg
Packaging 4 - Width (m)
0.8 m
Reel Length
10 m
More Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com