Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2460 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 35Page - NXP Semiconductors LPC2460 Datasheet HTML 36Page - NXP Semiconductors LPC2460 Datasheet HTML 37Page - NXP Semiconductors LPC2460 Datasheet HTML 38Page - NXP Semiconductors LPC2460 Datasheet HTML 39Page - NXP Semiconductors LPC2460 Datasheet HTML 40Page - NXP Semiconductors LPC2460 Datasheet HTML 41Page - NXP Semiconductors LPC2460 Datasheet HTML 42Page - NXP Semiconductors LPC2460 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
39 of 68
NXP Semiconductors
LPC2460
Fast communication chip
7.23.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Dedicated 32 kHz oscillator or programmable prescaler from APB clock.
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• An alarm output pin is included to assist in waking up when the chip has had power
removed to all functions except the RTC and Battery RAM.
• Periodic interrupts can be generated from increments of any field of the time registers,
and selected fractional second values. This enhancement enables the RTC to be
used as a System Timer.
• 2 kB data SRAM powered by VBAT.
• RTC and Battery RAM power supply is isolated from the rest of the chip.
7.24 Clocking and power control
7.24.1 Crystal oscillators
The LPC2460 includes three independent oscillators. These are the Main Oscillator, the
Internal RC oscillator, and the RTC oscillator. Each oscillator can be used for more than
one purpose as required in a particular application. Any of the three clock sources can be
chosen by software to drive the PLL and ultimately the CPU.
Following reset, the LPC2460 will operate from the Internal RC oscillator until switched by
software. This allows systems to operate without any external crystal and the bootloader
code to operate at a known frequency.
7.24.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 4 MHz. The IRC is
trimmed to 1 % accuracy.
Upon power-up or any chip reset, the LPC2460 uses the IRC as the clock source.
Software may later switch to one of the other available clock sources.
7.24.1.2
Main oscillator
The main oscillator can be used as the clock source for the CPU, with or without using the
PLL. The main oscillator operates at frequencies of 1 MHz to 24 MHz. This frequency can
be boosted to a higher frequency, up to the maximum CPU operating frequency, by the
PLL. The clock selected as the PLL input is PLLCLKIN. The ARM processor clock
frequency is referred to as CCLK elsewhere in this document. The frequencies of
PLLCLKIN and CCLK are the same value unless the PLL is active and connected. The
clock frequency for each peripheral can be selected individually and is referred to as
PCLK. Refer to Section 7.24.2 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com