Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2460 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 45Page - NXP Semiconductors LPC2460 Datasheet HTML 46Page - NXP Semiconductors LPC2460 Datasheet HTML 47Page - NXP Semiconductors LPC2460 Datasheet HTML 48Page - NXP Semiconductors LPC2460 Datasheet HTML 49Page - NXP Semiconductors LPC2460 Datasheet HTML 50Page - NXP Semiconductors LPC2460 Datasheet HTML 51Page - NXP Semiconductors LPC2460 Datasheet HTML 52Page - NXP Semiconductors LPC2460 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
49 of 68
NXP Semiconductors
LPC2460
Fast communication chip
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages
[2]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[3]
Including voltage on outputs in 3-state mode.
[4]
VDD(3V3) supply voltages must be present.
[5]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[6]
Accounts for 100 mV voltage drop in all supply lines.
[7]
Only allowed for a short time period.
[8]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[9]
On pin VBAT.
[10] To VSSIO/VSSCORE
[11] Includes external resistors of 18
Ω± 1 % on D+ and D−.
VDI
differential input
sensitivity
|(D+) − (D−)|
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 kΩ to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 kΩ to GND
2.8
-
3.5
V
Ctrans
transceiver
capacitance
pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not
high-speed capable
with 33
Ω series resistor;
steady state drive
[11] 36
-
44.1
Ω
Rpu
pull-up resistance
SoftConnect = ON
1.1
-
1.9
k
Ω
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
ADC static characteristics
VDDA = 2.5 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 4.5 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[1][2][3] --
±1
LSB
EL(adj)
integral non-linearity
[1][4] --
±2
LSB
EO
offset error
[1][5] --
±3
LSB
EG
gain error
[1][6] --
±0.5
%
ET
absolute error
[1][7] --
±4
LSB
Rvsi
voltage source interface
resistance
[8] --40
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com