Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2460 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2460 Datasheet HTML 1Page - NXP Semiconductors LPC2460 Datasheet HTML 2Page - NXP Semiconductors LPC2460 Datasheet HTML 3Page - NXP Semiconductors LPC2460 Datasheet HTML 4Page - NXP Semiconductors LPC2460 Datasheet HTML 5Page - NXP Semiconductors LPC2460 Datasheet HTML 6Page - NXP Semiconductors LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
3 of 68
NXP Semiconductors
LPC2460
Fast communication chip
I On-chip crystal oscillator with an operating range of 1 MHz to 24 MHz.
I 4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.
I On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC
oscillator, or the RTC oscillator.
I Boundary scan for simplified board testing.
I Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
I Industrial control
I Medical systems
I Protocol converter
I Communications
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2460FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
× 28 × 1.4 mm
SOT459-1
LPC2460FET208 TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15
× 15 × 0.7 mm SOT950-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External
bus
Ethernet
USB
OTG/
OHCI/
DEV
+4kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2460FBD208
N/A
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C
LPC2460FET208
N/A
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com