Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2460 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 17Page - NXP Semiconductors LPC2460 Datasheet HTML 18Page - NXP Semiconductors LPC2460 Datasheet HTML 19Page - NXP Semiconductors LPC2460 Datasheet HTML 20Page - NXP Semiconductors LPC2460 Datasheet HTML 21Page - NXP Semiconductors LPC2460 Datasheet HTML 22Page - NXP Semiconductors LPC2460 Datasheet HTML 23Page - NXP Semiconductors LPC2460 Datasheet HTML 24Page - NXP Semiconductors LPC2460 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
21 of 68
NXP Semiconductors
LPC2460
Fast communication chip
P4[13]/A13
155[1]
B16[1]
I/O
P4[13] — General purpose digital input/output pin.
I/O
A13 — External memory address line 13.
P4[14]/A14
159[1]
B15[1]
I/O
P4[14] — General purpose digital input/output pin.
I/O
A14 — External memory address line 14.
P4[15]/A15
173[1]
A11[1]
I/O
P4[15] — General purpose digital input/output pin.
I/O
A15 — External memory address line 15.
P4[16]/A16
101[1]
U17[1]
I/O
P4[16] — General purpose digital input/output pin.
I/O
A16 — External memory address line 16.
P4[17]/A17
104[1]
P14[1]
I/O
P4[17] — General purpose digital input/output pin.
I/O
A17 — External memory address line 17.
P4[18]/A18
105[1]
P15[1]
I/O
P4[18] — General purpose digital input/output pin.
I/O
A18 — External memory address line 18.
P4[19]/A19
111[1]
P16[1]
I/O
P4[19] — General purpose digital input/output pin.
I/O
A19 — External memory address line 19.
P4[20]/A20/
SDA2/SCK1
109[1]
R17[1]
I/O
P4[20] — General purpose digital input/output pin.
I/O
A20 — External memory address line 20.
I/O
SDA2 — I2C2 data input/output (this is not an open-drain pin).
I/O
SCK1 — Serial Clock for SSP1.
P4[21]/A21/
SCL2/SSEL1
115[1]
M15[1]
I/O
P4[21] — General purpose digital input/output pin.
I/O
A21 — External memory address line 21.
I/O
SCL2 — I2C2 clock input/output (this is not an open-drain pin).
I/O
SSEL1 — Slave Select for SSP1.
P4[22]/A22/
TXD2/MISO1
123[1]
K14[1]
I/O
P4[22] — General purpose digital input/output pin.
I/O
A22 — External memory address line 22.
O
TXD2 — Transmitter output for UART2.
I/O
MISO1 — Master In Slave Out for SSP1.
P4[23]/A23/
RXD2/MOSI1
129[1]
J15[1]
I/O
P4[23] — General purpose digital input/output pin.
I/O
A23 — External memory address line 23.
I
RXD2 — Receiver input for UART2.
I/O
MOSI1 — Master Out Slave In for SSP1.
P4[24]/OE
183[1]
B8[1]
I/O
P4[24] — General purpose digital input/output pin.
O
OE — LOW active Output Enable signal.
P4[25]/WE
179[1]
B9[1]
I/O
P4[25] — General purpose digital input/output pin.
O
WE — LOW active Write Enable signal.
P4[26]/BLS0
119[1]
L15[1]
I/O
P4[26] — General purpose digital input/output pin.
O
BLS0 — LOW active Byte Lane select signal 0.
P4[27]/BLS1
139[1]
G15[1]
I/O
P4[27] — General purpose digital input/output pin.
O
BLS1 — LOW active Byte Lane select signal 1.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com