Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30X Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 43Page - STMicroelectronics SPC560D30X Datasheet HTML 44Page - STMicroelectronics SPC560D30X Datasheet HTML 45Page - STMicroelectronics SPC560D30X Datasheet HTML 46Page - STMicroelectronics SPC560D30X Datasheet HTML 47Page - STMicroelectronics SPC560D30X Datasheet HTML 48Page - STMicroelectronics SPC560D30X Datasheet HTML 49Page - STMicroelectronics SPC560D30X Datasheet HTML 50Page - STMicroelectronics SPC560D30X Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
DS6494 Rev 8
47/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
ECC circuitry provides correction of single bit faults and is used to improve further
automotive reliability results. Some units will experience single bit corrections throughout
the life of the product with no impact to product reliability.
4.11.2
Flash power supply DC characteristics
Table 31 shows the power supply DC characteristics on external supply.
Note:
Power supply for data flash is actually provided by code flash; this means that data flash
cannot work if code flash is not powered.
1. Ambient temperature averaged over application duration. It is recommended not to exceed the product operating
temperature range.
Table 30. Flash memory read access timing
Symbol
C
Parameter
Conditions(1) Max Unit
fCFREAD CC
P Maximum working frequency for reading code flash memory at
given number of wait states in worst conditions
2 wait states
48
MHz
C
0 wait states
20
fDFREAD CC P
Maximum working frequency for reading data flash memory at given
number of wait states in worst conditions
6 wait states
48
MHz
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
Table 31. Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min Typ Max
ICFREAD CC D Sum of the current consumption
on VDDHV and VDDBV on read
access
Flash module read
fCPU = 48 MHz
Code flash
—
—
33
mA
IDFREAD CC D
Data flash
—
—
4
mA
ICFMOD CC D Sum of the current consumption
on VDDHV and VDDBV on matrix
modification (program/erase)
Program/Erase on-going
while reading flash
registers, fCPU = 48 MHz
Code flash
—
—
33
mA
IDFMOD CC D
Data flash
—
—
6
mA
IFLPW
CC D
Sum of the current consumption
on VDDHV and VDDBV during
flash low-power mode
—
Code flash
—
—
910
µA
ICFPWD CC D Sum of the current consumption
on VDDHV and VDDBV during
flash power-down mode
—
Code flash
—
—
125
µA
IDFPWD CC D
Data flash
—
—
25
µA
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com