Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30X Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 74Page - STMicroelectronics SPC560D30X Datasheet HTML 75Page - STMicroelectronics SPC560D30X Datasheet HTML 76Page - STMicroelectronics SPC560D30X Datasheet HTML 77Page - STMicroelectronics SPC560D30X Datasheet HTML 78Page - STMicroelectronics SPC560D30X Datasheet HTML 79Page - STMicroelectronics SPC560D30X Datasheet HTML 80Page - STMicroelectronics SPC560D30X Datasheet HTML 81Page - STMicroelectronics SPC560D30X Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
Revision history
SPC560D30x, SPC560D40x
80/82
DS6494 Rev 8
16-Sep-2011
4
(cont.)
MEDIUM configuration output buffer electrical characteristics:
changed “IOH = 100 µA” to “IOL = 100 µA” in VOL conditions
I/O consumption: replaced instances of “Root medium square” with
“Root mean square”
Updated section “Voltage regulator electrical characteristics”
Section “Low voltage detector electrical characteristics”: changed
title (was “Voltage monitor electrical characteristics”); added a fifth
LVD (LVDHV3B); added event status flag names found in RGM
chapter of device reference manual to POR module and LVD
descriptions; replaced instances of “Low voltage monitor” with “Low
voltage detector”; deleted note referencing power domain No. 2 (this
domain is not present on the device); updated electrical
characteristics table
Updated and renamed section “Power consumption” (was previously
section “Low voltage domain power consumption”)
Program and erase specifications (code flash): updated symbols;
updated tesus values
Updated Flash memory read access timing
EMI radiated emission measurement: updated SEMI values
Updated FMPLL electrical characteristics
Crystal oscillator and resonator connection scheme: inserted
footnote about possibly requiring a series resistor
Fast internal RC oscillator (16 MHz) electrical characteristics:
updated tFIRCSU values
Section “Input impedance and ADC accuracy”: changed “VA/VA2” to
“VA2/VA” in Equation 13
ADC conversion characteristics:
– updated conditions for sampling time VDD = 5.0 V
– updated conditions for conversion time VDD = 5.0 V
Updated Abbreviations
Removed Order codes tables.
01-Dec-2011
5
Replaced “TBD” with “8.21 mA” in IDD_HV(FLASH) cell of On-chip
peripherals current consumption table
Table 49. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com