Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30X Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 59Page - STMicroelectronics SPC560D30X Datasheet HTML 60Page - STMicroelectronics SPC560D30X Datasheet HTML 61Page - STMicroelectronics SPC560D30X Datasheet HTML 62Page - STMicroelectronics SPC560D30X Datasheet HTML 63Page - STMicroelectronics SPC560D30X Datasheet HTML 64Page - STMicroelectronics SPC560D30X Datasheet HTML 65Page - STMicroelectronics SPC560D30X Datasheet HTML 66Page - STMicroelectronics SPC560D30X Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
DS6494 Rev 8
63/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
4.18
On-chip peripherals
4.18.1
Current consumption
2. Analog and digital VSS must be common (to be tied together externally).
3. VAINx may exceed VSS_ADC and VDD_ADC limits, remaining on absolute maximum ratings, but the results of the conversion
will be clamped respectively to 0x000 or 0xFFF.
4. Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured by internal
divider by 2.
5. During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tS. After the end of the
sampling time tS, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock
tS depend on programming.
6. This parameter does not include the sampling time tS, but only the time for determining the digital result and the time to load
the result’s register with the conversion result.
Table 43. On-chip peripherals current consumption
Symbol
C
Parameter
Conditions
Typical value(1) Unit
IDD_BV(CAN)
CC T
CAN (FlexCAN)
supply current on
VDD_BV
500 Kbyte/s Total (static + dynamic)
consumption:
– FlexCAN in loop-back
mode
– XTAL at 8 MHz used as
CAN engine clock source
– Message sending period
is 580 µs
8×fperiph + 85
µA
125 Kbyte/s
8 × fperiph + 27
µA
IDD_BV(eMIOS)
CC T
eMIOS supply
current on VDD_BV
Static consumption:
– eMIOS channel OFF
– Global prescaler enabled
29 × fperiph
µA
Dynamic consumption:
– It does not change varying the
frequency (0.003 mA)
3µA
IDD_BV(SCI)
CC T
SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
–LIN mode
– Baudrate: 20 Kbyte/s
5×fperiph + 31
µA
IDD_BV(SPI)
CC T
SPI (DSPI) supply
current on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption
(continuous communication):
– Baudrate: 2 Mbit/s
– Transmission every 8 µs
– Frame: 16-bits
16 × fperiph
µA
IDD_BV(ADC)
CC T
ADC supply current
on VDD_BV
VDD = 5.5 V
Ballast static consumption
(no conversion)
41 × fperiph
µA
Ballast dynamic
consumption (continuous
conversion)(2)
5×fperiph
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com