Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30X Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 60Page - STMicroelectronics SPC560D30X Datasheet HTML 61Page - STMicroelectronics SPC560D30X Datasheet HTML 62Page - STMicroelectronics SPC560D30X Datasheet HTML 63Page - STMicroelectronics SPC560D30X Datasheet HTML 64Page - STMicroelectronics SPC560D30X Datasheet HTML 65Page - STMicroelectronics SPC560D30X Datasheet HTML 66Page - STMicroelectronics SPC560D30X Datasheet HTML 67Page - STMicroelectronics SPC560D30X Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
Electrical characteristics
SPC560D30x, SPC560D40x
64/82
DS6494 Rev 8
Note:
Operating conditions: TA = 25 °C, fperiph = 8 MHz to 48 MHz
4.18.2
DSPI characteristics
IDD_HV_ADC(ADC) CC T
ADC supply current
on VDD_HV_ADC
VDD = 5.5 V
Analog static consumption
(no conversion)
2×fperiph
µA
Analog dynamic
consumption (continuous
conversion)
75 × fperiph + 32 µA
IDD_HV(FLASH)
CC T
CFlash + DFlash
supply current on
VDD_HV
VDD = 5.5 V
—
8.21
mA
IDD_HV(PLL)
CC T
PLL supply current
on VDD_HV
VDD = 5.5 V
—
30 × fperiph
µA
1. fperiph is an absolute value.
2. During the conversion, the total current consumption is given from the sum of the static and dynamic consumption, i.e.,
(41 + 5) × fperiph.
Table 43. On-chip peripherals current consumption (continued)
Symbol
C
Parameter
Conditions
Typical value(1) Unit
Table 44. DSPI characteristics
No.
Symbol
C
Parameter
DSPI0/DSPI1
Unit
Min
Typ
Max
1tSCK
SR
D
SCK cycle time
Master mode
(MTFE = 0)
125
—
—
ns
D
Slave mode
(MTFE = 0)
125
—
—
D
Master mode
(MTFE = 1)
83
—
—
D
Slave mode
(MTFE = 1)
83
—
—
—fDSPI
SR D DSPI digital controller frequency
—
—
fCPU
MHz
—
tCSC
CC D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode
Master mode
—
—
130(1)
ns
—
tASC
CC D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode for CSn1
1
Master mode
—
—
130(1)
ns
2tCSCext(2) SR D CS to SCK delay
Slave mode
32
—
—
ns
3tASCext(3) SR D After SCK delay
Slave mode
1/fDSPI + 5
—
—
ns
4tSDC
CC D
SCK duty cycle
Master mode
—
tSCK/2
—
ns
SR D
Slave mode
tSCK/2
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com