Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E7 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC574K72E7
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E7 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC574K72E7 Datasheet HTML 53Page - STMicroelectronics SPC574K72E7 Datasheet HTML 54Page - STMicroelectronics SPC574K72E7 Datasheet HTML 55Page - STMicroelectronics SPC574K72E7 Datasheet HTML 56Page - STMicroelectronics SPC574K72E7 Datasheet HTML 57Page - STMicroelectronics SPC574K72E7 Datasheet HTML 58Page - STMicroelectronics SPC574K72E7 Datasheet HTML 59Page - STMicroelectronics SPC574K72E7 Datasheet HTML 60Page - STMicroelectronics SPC574K72E7 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 160 page
background image
DocID023601 Rev 6
57/160
SPC574Kx
Electrical characteristics
159
Figure 16. Input equivalent circuit (SARB channels)
RSW1
CP3
CS
VDD
Sampling
RSW: Channel Selection Switch Impedance (two contributions RSW1 and RSW2)
RAD: Sampling Switch Impedance
CP: Pin Capacitance (three contributions, CP1, CP2 and CP3)
CS: Sampling Capacitance
RCMSW: Common mode switch
RCML: Common mode resistive ladder
The above figure can be used as approximation circuitry for external filtering definition.
CP1
RAD
Channel
Selection
CP2
Extended
RSW2
Switch
Common mode
switch
Common mode
resistive ladder
INTERNAL CIRCUIT SCHEME
Table 31. ADC pin specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
ILK_INUD
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
weak pull-down
TJ < 40 °C, no current
injection on adjacent pin
—70
nA
CTJ < 150 °C, no current
injection on adjacent pin
—
220
ILK_INUSD
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
strong pull-down
TJ < 40 °C, no current
injection on adjacent pin
—80
nA
CTJ < 150 °C, no current
injection on adjacent pin
—
250
ILK_INREF
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
weak pull-down and alternate reference
TJ < 40 °C, no current
injection on adjacent pin
—
160
nA
CTJ < 150 °C, no current
injection on adjacent pin
—
400
ILK_INOUT
CC
C
Input leakage current, two ADC
channels input, GPIO output buffer with
weak pull-up and weak pull-down
TJ < 40 °C, no current
injection on adjacent pin
—
140
nA
CTJ < 150 °C, no current
injection on adjacent pin
—
380
IINJ
CC
T
Injection current on analog input
preserving functionality
Applies to any analog
pins
–3
3
mA
CHV_ADC
SR
D
VDD_HV_ADV external capacitance(2)
—1
2.2
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com