Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E7 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC574K72E7
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E7 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC574K72E7 Datasheet HTML 32Page - STMicroelectronics SPC574K72E7 Datasheet HTML 33Page - STMicroelectronics SPC574K72E7 Datasheet HTML 34Page - STMicroelectronics SPC574K72E7 Datasheet HTML 35Page - STMicroelectronics SPC574K72E7 Datasheet HTML 36Page - STMicroelectronics SPC574K72E7 Datasheet HTML 37Page - STMicroelectronics SPC574K72E7 Datasheet HTML 38Page - STMicroelectronics SPC574K72E7 Datasheet HTML 39Page - STMicroelectronics SPC574K72E7 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 160 page
background image
Electrical characteristics
SPC574Kx
36/160
DocID023601 Rev 6
Note:
Each I/O pin on the device supports specific drive configurations. See the signal description
table in the device reference manual for the available drive configurations for each I/O pin.
3.9.1
I/O input DC characteristics
Table 18 provides input DC electrical characteristics as described in Figure 7.
Figure 7. I/O input DC electrical characteristics definition
Very strong configuration Provides maximum speed and controlled symmetric behavior for rise and fall transition.
Used for fast interface including Ethernet and FlexRay interfaces requiring fine control of
rising/falling edge jitter.
Pad impedance is centered around 40
Ω.
Differential configuration
A few pads provide differential capability providing very fast interface together with good
EMC performances.
Input only pads
These low input leakage pads are associated with the ADC channels.
Table 17. I/O pad specification descriptions(Continued)
Pad type
Description
VIL
VIN
VIH
VINTERNAL
VDD
VHYS
(SIUL register)
Table 18. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TTL
VIHTTL
SR
P Input high level TTL
4.5 V < VDD_HV_IO <5.5 V(6)
2—
VDD_HV_IO
+0.3
V
VILTTL
SR
P Input low level TTL
4.5 V < VDD_HV_IO <5.5 V(6)
–0.3
—
0.8
VHYSTTL
—
C Input hysteresis TTL
4.5 V < VDD_HV_IO <5.5 V(6)
0.275
—
—
VDRFTTTL
—
C Input VIL/VIH
temperature drift TTL
—
—
—
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com