Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC574K72E7
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC574K72E7 Datasheet HTML 9Page - STMicroelectronics SPC574K72E7 Datasheet HTML 10Page - STMicroelectronics SPC574K72E7 Datasheet HTML 11Page - STMicroelectronics SPC574K72E7 Datasheet HTML 12Page - STMicroelectronics SPC574K72E7 Datasheet HTML 13Page - STMicroelectronics SPC574K72E7 Datasheet HTML 14Page - STMicroelectronics SPC574K72E7 Datasheet HTML 15Page - STMicroelectronics SPC574K72E7 Datasheet HTML 16Page - STMicroelectronics SPC574K72E7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
Figure 1. Block diagram
Calibration
Interface
LFAST
SPU
DCI
JTAGC
JTAGM
Nexus Aurora Router
SRAM
64 KB
Scaler
SP-FPU
I-Cache
Control
D-Cache
Control
VLE
I-Mem
Control
D-MEM
Control
Scaler
SP-FPU
VLE
I-Mem
Control
D-MEM
Control
4KB
2 way
2KB
2 way
16KB
I-MEM
64KB
D-MEM
Ethernet
FlexRay
Zipwire
(LFAST
&SIPI)
Unified
Backdoor
Interface
with
E2E ECC
16 KB
I-MEM
48 KB
D-MEM
SWT_2
SRAM Control
with E2E ECC
Decorated
Access
Core Memory Protection Unit
(CMPU)
Core Memory Protection Unit
(CMPU)
Peripheral Domain– 40MHz
Computational Shell– Fast Domain160 MHz
Overlay
Backdoor for
System RAM
FLASH
2.5 MB
EEPROM
4x16KB
NVM (Single Module)
256 Page Line
Buddy Device Interface
Dual INTC
E200 z420– 160 MHz
Main Core_0
Nexus3p
BIU with E2E ECC
STM_0
SWT_0
32 ADD
64 DATA
Instruction
32ADD
64DATA
Load/
Store
Fast Cross Bar Switch (XBAR_0, AMBA2.0 v6 AHB) – 64 bit– 160 MHz
System Memory Protection Unit(SMPU_0)
32 ADD
64 DATA
32 ADD
64 DATA
32 ADD
64 DATA
S2
S4
S0
S1
M5
M0
M1
M4
S7
E200z225 – 80MHz
Peripheral Core_2
Nexus3p
BIU with E2E ECC
STM_2
Instruction
32 ADD
64 DATA
Load/
Store
Slow Cross Bar Switch (XBAR_1, AMBA2.0 v6AHB) – 32 bit– 80 MHz
M2
System Memory Protection Unit(SMPU_1)
32 ADD
32 DATA
S1
S3
S2
M1
M0
M3
S0
Intelligent
Bridging
Bus Gasket
Peripheral Bridge A
E2E ECC
Decorate Storage
40 MHz
Peripheral Cluster A
(See “Periphery
allocation” diagram )
Peripheral Cluster B
(See“Periphery
allocation” diagram )
Concentrator
With
E2E ECC
40 MHz
Nexus Data
Trace
Concentrator
With
E2E ECC
80 MHz
Nexus Data
Trace
32ch. eDMA
with E2E ECC
DMAMUX
Peripherals
allocation to
the bridges
is based on
safety and
pinout
requirements
Delayed Lock-step
with Redundancy
Checkers
LSP
ScalerSP-
FPU
I-Cache
Control
D-Cache
Control
VLE
I-Mem
Control
D-MEM
Control
Unified
Backdoor
Interface
With
E2E ECC
Core Memory Protection Unit
(CMPU)
E200z419 – 160 MHz
Checker Core_0s
BIU with E2E ECC
Safety Lake
FLASH Controller
Dual Ported Incl.
Set-Associative
Prefetch Buffers
with E2E ECC
Peripheral Bridge B
E2E ECC
Decorate Storage
40 MHz
Unified
Backdoor
Interface
with
E2E ECC
Overlay RAM
16 KB
32 ADD
32 DATA
32ADD
32DATA
32ADD
32DATA
32 ADD
32 DATA
SWT_3
Delay
RCCU
RCCU
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com