Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E7 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPC574K72E7
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E7 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPC574K72E7 Datasheet HTML 36Page - STMicroelectronics SPC574K72E7 Datasheet HTML 37Page - STMicroelectronics SPC574K72E7 Datasheet HTML 38Page - STMicroelectronics SPC574K72E7 Datasheet HTML 39Page - STMicroelectronics SPC574K72E7 Datasheet HTML 40Page - STMicroelectronics SPC574K72E7 Datasheet HTML 41Page - STMicroelectronics SPC574K72E7 Datasheet HTML 42Page - STMicroelectronics SPC574K72E7 Datasheet HTML 43Page - STMicroelectronics SPC574K72E7 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
Electrical characteristics
SPC574Kx
40/160
DocID023601 Rev 6
Figure 9. I/O output DC electrical characteristics definition
The following tables provide DC characteristics for bidirectional pads:
•
Table 20 provides output driver characteristics for I/O pads when in WEAK
configuration.
•
Table 21 provides output driver characteristics for I/O pads when in MEDIUM
configuration.
•
Table 22 provides output driver characteristics for I/O pads when in STRONG
configuration.
•
Table 23 provides output driver characteristics for I/O pads when in VERY STRONG
configuration.
Note:
Driver configuration is controlled by SIUL2_MSCRn registers. It is available within two
PBRIDGEA_CLK clock cycles after the associated SIUL2_MSCRn bits have been written.
Table 20 shows the WEAK configuration output buffer electrical characteristics.
10%
Vout
VINTERNAL
VHYS
(SIUL register)
20%
80%
90%
tR10-90
tR20-80
tF10-90
tF20-80
tTR (max) = MAX (tR10-90;tF10-90)
tTR (min) = MIN (tR10-90;tF10-90)
tTR20-80(max) = MAX (tR20-80;tF20-80)
tTR20-80(min) = MIN (tR20-80;tF20-80)
tSKEW
=
|tR20-80-tF20-80|
tSKEW20-80
50%
50%
tPLH (rising edge)
tPHL (falling edge)
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com