Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPA001
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPA001 Datasheet HTML 7Page - STMicroelectronics STPA001 Datasheet HTML 8Page - STMicroelectronics STPA001 Datasheet HTML 9Page - STMicroelectronics STPA001 Datasheet HTML 10Page - STMicroelectronics STPA001 Datasheet HTML 11Page - STMicroelectronics STPA001 Datasheet HTML 12Page - STMicroelectronics STPA001 Datasheet HTML 13Page - STMicroelectronics STPA001 Datasheet HTML 14Page - STMicroelectronics STPA001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID023043 Rev 7
11/26
STPA001
Electrical specifications
25
VSB in
Standby in threshold voltage
(Amp: OFF)
-
-
1.2
V
VM out
Mute out threshold voltage
(Amp: Play)
2.6
-
-
V
VM in
Mute in threshold voltage
(Amp: Mute)
-
-
1.2
V
VAM in
VS automute threshold
(Amp: Mute)
Att  80 dB; POref = 4 W
(Amp: Play)
Att < 0.1 dB; PO = 0.5 W
4.5
-
5
-
5.5
6
V
V
Ipin23
Muting pin current
VMUTE = 1.2 V
(Sourced current)
58
12
μA
Offset detector
VOFF
Detected differential output offset
VSt-by = 5 V
±1
±2
±3
V
VOFF_SAT Off detector saturation voltage
Vo > ±3 V, Ioff Det = 1 mA
0 V < Voff Det < 18 V
-
0.1
0.2
V
VOFF_LK Off detector leakage current
Vo < ±1 V
-
0
15
μA
Clipping detector
CDLK
Clip detector high leakage current
Cd off
-
0
1
μA
CDSAT
Clip detector saturation voltage
DC On; ICD = 1 mA
-
0.1
0.2
V
CDTHD
Clip detector THD level
VCC > 6.5 V
-
1
-
%
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com