Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA001 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPA001
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPA001 Datasheet HTML 18Page - STMicroelectronics STPA001 Datasheet HTML 19Page - STMicroelectronics STPA001 Datasheet HTML 20Page - STMicroelectronics STPA001 Datasheet HTML 21Page - STMicroelectronics STPA001 Datasheet HTML 22Page - STMicroelectronics STPA001 Datasheet HTML 23Page - STMicroelectronics STPA001 Datasheet HTML 24Page - STMicroelectronics STPA001 Datasheet HTML 25Page - STMicroelectronics STPA001 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID023043 Rev 7
25/26
STPA001
Revision history
25
6
Revision history
Table 6. Document revision history
Date
Revision
Changes
03-Apr-2012
1
Initial release.
10-Sep-2012
2
Updated Table 3: Absolute maximum ratings on page 9.
14-Nov-2012
3
Updated:
Features on page 1;
Section 1.1: Block diagram and application circuit;
Section 3.3: Electrical characteristics;
Section 4.4.2: Clipping detection and diagnostics (CD-DIAG pin) on
page 19;
Added Section 3.4: Electrical characteristics curves.
05-Sep-2013
4
Updated Figure 17 & 18.
18-Sep-2013
5
Updated Disclaimer.
05-Sep-2014
6
Updated Table 1: Device summary on page 1.
Added Figure 30: Flexiwatt25 (horizontal) mechanical data and
package dimensions on page 24.
27-Oct-2014
7
Updated Table 1: Device summary on page 1.
Added Figure 28: Flexiwatt27 (horizontal) mechanical data and
package dimensions on page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com