Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPA001
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPA001 Datasheet HTML 11Page - STMicroelectronics STPA001 Datasheet HTML 12Page - STMicroelectronics STPA001 Datasheet HTML 13Page - STMicroelectronics STPA001 Datasheet HTML 14Page - STMicroelectronics STPA001 Datasheet HTML 15Page - STMicroelectronics STPA001 Datasheet HTML 16Page - STMicroelectronics STPA001 Datasheet HTML 17Page - STMicroelectronics STPA001 Datasheet HTML 18Page - STMicroelectronics STPA001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID023043 Rev 7
15/26
STPA001
General information
25
4
General information
4.1
Operation
The STPA001's inputs are ground-compatible. If the standard value for the input capacitors
(0.22 μF) is adopted, the low frequency cut-off will amount to 16 Hz. The input capacitors
should be 1/4 of the capacitor connected to AC-GND pin for optimum pop performances
(see Figure 2: Application circuit (STPA001)).
Standby and mute pins are both CMOS compatible.
RC cells at both mute and stand-by pins have always to be used in order to smooth the
transitions for preventing any audible transient noise.
In case muting and stand-by functions are not used, they could steadily be connected to VS,
but a 470 kΩ resistance should be present between the power supply and the pins.
The capacitance on SVR sets the start-up and shut-down times and helps to have pop-noise
free transitions. Its minimum recommended value is 10 μF. However, to have a fast start-up
time, the internal resistor on SVR pin, used to set the time constant, is reduced from 50 kΩ
to 3 kΩ till voltage on SVR reaches VCC/4 -2VBE and then released. In this way the
capacitor on SVR is charged very quickly to VCC/4, as shown in the following figure.
The time constant to be assigned to the standby pin in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.
Figure 20. SVR charge diagram
SVR pin accomplishes multiple functions:
it is used as a reference voltage for input pins (VCC/4)
the capacitor connected to SVR helps the supply voltage ripple rejection
it is used as a reference to generate the half supply voltage for the output
When the amplifier goes in standby mode or goes out from this condition, it is suggested to
put the amplifier in mute to ensure the absence of audible noise. Then the stand-by pin can
be set to the appropriate value (ground or > 2.6 V) and the capacitance on SVR pin is
discharged or charged consequently.
4.2
Battery variations
4.2.1
Low voltage operation
The most recent OEM specifications are require automatic stop of car engine at traffic lights,
in order to reduce emissions of polluting substances. The STPA001, thanks to its innovating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com