Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPA001
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPA001 Datasheet HTML 14Page - STMicroelectronics STPA001 Datasheet HTML 15Page - STMicroelectronics STPA001 Datasheet HTML 16Page - STMicroelectronics STPA001 Datasheet HTML 17Page - STMicroelectronics STPA001 Datasheet HTML 18Page - STMicroelectronics STPA001 Datasheet HTML 19Page - STMicroelectronics STPA001 Datasheet HTML 20Page - STMicroelectronics STPA001 Datasheet HTML 21Page - STMicroelectronics STPA001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
General information
STPA001
18/26
DocID023043 Rev 7
4.3
Protections
4.3.1
Short circuits and open circuit operation
When the IC detects a short circuit to ground, to Vs or across the load, the output of the
amplifier is put in three-state (high impedance condition). The power stage remains in this
condition until the short is removed.
In case of short circuit to ground or Vcc, the amplifier exits from the three-state condition
only when the output returns inside the limits imposed by an internal voltage comparator.
When a short across the load is present, the power stage sees an over-current and is
brought in protection mode for 100 μs. After this time, if the short circuit condition is removed
the amplifier returns to play, otherwise the high impedance state is maintained and the
check is repeated every 100 μs.
Disconnection of load (open load condition) doesn't damage the amplifier, which continues
to play.
4.3.2
Over-voltage and load dump protection
When the battery voltage is higher than 19 V, the amplifier is switched to a high impedance
state. It stops to playing till the supply voltage returns in the permitted range.
The amplifier is protected against load dump surges having amplitude as high as 50 V and a
rising time lower than 5 ms (see Figure 24).
Figure 24. Load dump protection diagram
4.3.3
Thermal protection
If the junction temperature of the IC reaches Tj = 150 °C, a smooth mute is applied to reduce
output power and limit power dissipation. If this is not enough and the junction temperature
continues to increase, the amplifier is switched off when reaches the maximum temperature
of 170 °C.
Figure 25. Thermal protection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com