Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPA002
Description  4 x 52 W quad bridge power amplifier with low voltage operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA002 Datasheet(HTML) 5 Page - STMicroelectronics

  STPA002 Datasheet HTML 1Page - STMicroelectronics STPA002 Datasheet HTML 2Page - STMicroelectronics STPA002 Datasheet HTML 3Page - STMicroelectronics STPA002 Datasheet HTML 4Page - STMicroelectronics STPA002 Datasheet HTML 5Page - STMicroelectronics STPA002 Datasheet HTML 6Page - STMicroelectronics STPA002 Datasheet HTML 7Page - STMicroelectronics STPA002 Datasheet HTML 8Page - STMicroelectronics STPA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID024368 Rev 3
5/24
STPA002
Overview
23
1
Overview
The STPA002 is a complementary quad audio power amplifier. It is available in two different
packages, Flexiwatt25 and Flexiwatt27. It embeds four independent amplifiers working in
class AB, a standby, a mute pin and an offset detector output. In the Flexiwatt27 package
also a clipping detection pin with diagnostics information is available. The amplifier is fully
operational down to a battery voltage of 6 V, without producing pop noise and continuing to
play during battery transitions.
The STPA002 can drive 2 ohm loads and has a very high immunity to disturbs without need
of external components or compensation. It is protected against any kind of short or open
circuit, over-voltage and over-temperature.
1.1
Block diagram
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com