Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA002 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPA002
Description  4 x 52 W quad bridge power amplifier with low voltage operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA002 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPA002 Datasheet HTML 7Page - STMicroelectronics STPA002 Datasheet HTML 8Page - STMicroelectronics STPA002 Datasheet HTML 9Page - STMicroelectronics STPA002 Datasheet HTML 10Page - STMicroelectronics STPA002 Datasheet HTML 11Page - STMicroelectronics STPA002 Datasheet HTML 12Page - STMicroelectronics STPA002 Datasheet HTML 13Page - STMicroelectronics STPA002 Datasheet HTML 14Page - STMicroelectronics STPA002 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID024368 Rev 3
11/24
STPA002
Electrical specifications
23
Offset detector
VOFF
Detected differential output offset
-
±1
±2
±3
V
VOFF_SAT Off detector saturation voltage
Vo > ±3 V, Ioff Det = 1 mA
-
0.2
0.4
V
VOFF_LK Off detector leakage current
Vo < ±1 V
-
0
15
μA
Clipping detector (2)
CDLK
Clip detector high leakage current
Cd off
-
0
1
μA
CDSAT
Clip detector saturation voltage
DC On; ICD = 1 mA
-
0.2
0.4
V
CDTHD
Clip detector THD level
-
-
1
-
%
1. Saturated square wave output
2. Clipping detection is guaranteed till a minimum supply voltage of 7 V.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com