Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPA002
Description  4 x 52 W quad bridge power amplifier with low voltage operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA002 Datasheet(HTML) 1 Page - STMicroelectronics

  STPA002 Datasheet HTML 1Page - STMicroelectronics STPA002 Datasheet HTML 2Page - STMicroelectronics STPA002 Datasheet HTML 3Page - STMicroelectronics STPA002 Datasheet HTML 4Page - STMicroelectronics STPA002 Datasheet HTML 5Page - STMicroelectronics STPA002 Datasheet HTML 6Page - STMicroelectronics STPA002 Datasheet HTML 7Page - STMicroelectronics STPA002 Datasheet HTML 8Page - STMicroelectronics STPA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
September 2013
DocID024368 Rev 3
1/24
STPA002
4 x 52 W quad bridge power amplifier with low voltage operation
Datasheet
- production data
Features
 High output power capability:
– 4 x 52 W/4 Ω max.
– 4 x 30 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 85 W/2 Ω max.
– 4 x 55 W/2 Ω @ 14.4V, 1 kHz, 10 %
 MOSFET output power stage
 Stop-start and hybrid engines compliant
 Excellent 2  driving capability
 Hi-Fi class distortion
 Low output noise
 Standby function and mute function
 Automute at min. supply voltage detection
 Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open GND
– Reverse battery
– ESD
Description
The STPA002 is a MOSFET class AB audio
power amplifier, designed for high-power car
radio. In addition to the outstanding output current
capability and distortion performance, the
STPA002 is extremely robust against several
kinds of fortuitous misconnections.
It is compliant to the most recent OEM
specifications for low voltage operation in start-
stop vehicles, and can sustain hybrid vehicles
battery transitions.
It includes a DC offset detector and, in
Flexiwatt27 package, a clipping detector.
Flexiwatt25
Flexiwatt27
Table 1. Device summary
Order code
Package
Packing
STPA002OD-4WX
Flexiwatt25 (with OD)
Tube
STPA002CD-48X
Flexiwatt27 (with CD)
Tube
www.st.com


Similar Part No. - STPA002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPA002 ETC2-STPA002 Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results

Similar Description - STPA002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA003 STMICROELECTRONICS-STPA003 Datasheet
455Kb / 25P
4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
21-Jan-2020
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com