Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA002 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPA002
Description  4 x 52 W quad bridge power amplifier with low voltage operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA002 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPA002 Datasheet HTML 8Page - STMicroelectronics STPA002 Datasheet HTML 9Page - STMicroelectronics STPA002 Datasheet HTML 10Page - STMicroelectronics STPA002 Datasheet HTML 11Page - STMicroelectronics STPA002 Datasheet HTML 12Page - STMicroelectronics STPA002 Datasheet HTML 13Page - STMicroelectronics STPA002 Datasheet HTML 14Page - STMicroelectronics STPA002 Datasheet HTML 15Page - STMicroelectronics STPA002 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Electrical characteristics typical curves
STPA002
12/24
DocID024368 Rev 3
4
Electrical characteristics typical curves
Figure 5. Quiescent current vs. supply voltage Figure 6. Output power vs. supply voltage (4 Ω)
Figure 7. Output power vs. supply voltage (2 Ω)
Figure 8. Distortion vs. output power (4 Ω)
Figure 9. Distortion vs. output power (2 Ω)
Figure 10. Distortion vs. frequency (4 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com