Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 3Page - STMicroelectronics TDA2004R Datasheet HTML 4Page - STMicroelectronics TDA2004R Datasheet HTML 5Page - STMicroelectronics TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TDA2004R
Electrical specifications
Doc ID 17614 Rev 2
7/17
Po
Output power (each channel)
f = 1 kHz; THD = 10 %
VS = 13.2 V; RL =3.2 
VS = 13.2 V; RL = 1.6 
VS = 16 V; RL = 2 
6
9
6.5
10(1)
12
-W
THD
Total harmonic distortion
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 50 mW to 4 W;
-0.2
1
%
f = 1 kHz; VS = 14.4 V;
RL = 2 ;Po = 50 mW to 6 W;
-0.3
1
%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 50 mW to 3W;
-0.2
1
%
f = 1KHz; VS = 13.2V;
RL = 1.6;Po = 40mW to 6W;
-0.3
1
%
CT
Cross talk
VS = 14.4 V; Vo = 4 VRMS;
Rg = 5 k; RL = 4 ;
f = 1 kHz
f = 10 kHz
50
40
60
45
-
mW
mW
Vi
Input saturation voltage
-
300
-
mW
Ri
Input resistance
f = 1 kHz
70
200
-
k
fL
Low frequency roll off (-3 dB)
RL = 4 
RL = 2 
RL = 3.2 
RL = 1.6 
--
35
50
40
55
Hz
fH
High frequency roll off (-3 dB)
RL = 1.6  to 4 
15
-
-
kHz
Gv
Open loop voltage gain
f = 1 kHz
-
90
-
dB
Closed loop voltage gain
f = 1 kHz
48
50
51
G
v
Closed loop gain matching
-
-
0.5
-
dB
eN
Total input noise voltage
Rg = 10 k
(2)
-1.5
5
V
SVR
Supply voltage rejection
Vripple = 0.5 Vrms;
fripple =100 Hz; Rg = 10 k;
C3 = 10 F
35
45
-
dB
Efficiency
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 6.5 W;
RL = 2;Po = 10 W;
-70
60
-%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 6.5 W;
RL = 1.6 ;Po = 10 W;
-70
60
-%
TJ
Thermal shutdown junction
temperature
-
-
145
-
°C
1.
9.3 W without bootstrap.
2.
Bandwidth filter: 22 Hz to 22 kHz.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com