Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics TDA2004R Datasheet HTML 13Page - STMicroelectronics TDA2004R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical specifications
TDA2004R
10/17
Doc ID 17614 Rev 2
Figure 10.
Distortion vs. frequency, RL = 1.6
and 3.2
Figure 11.
Supply voltage rejection vs. C3
Figure 12.
Supply voltage rejection vs.
frequency
Figure 13.
Supply voltage rejection vs. C2 and
C3, GV = 390/1
Figure 14.
Supply voltage rejection vs. C2 and
C3, GV = 1000/10
Figure 15.
Gain vs. input sensitivity
d
(%)
1.2
0.8
0.4
10
f (Hz)
10
2
10
3
10
4
Vs = 13.2 V
Gv = 50 dB
Po = 2.5 W
R
L = 1.6 Ω
Po = 2.5 W
R
L = 3.2 Ω
SVR
(dB)
10
20
50
60
40
30
10
12
C3 (µF)
13
Vs = 14.4 V
fripple = 100 kHz
Vripple = 0.5 V
Gv = 50 dB
Rg = 10 kΩ
SVR
(dB)
20
40
30
50
60
10
102
103
f (Hz)
Rg = 0
Rg = 10 kΩ
Vs = 14.4 V
Gv = 50 dB
C3 = 10 µF
SVR
(dB)
50
40
30
20
10
20
C3 (µF)
12
5
Vs = 14.4 V
RL = 4 Ω
Rg = 10 kΩ
Gv = 390/1 Ω
fripple = 100 Hz
C2 = 220 µF
C2 = 22 µF
C2 = 5 µF
SVR
(dB)
50
40
30
20
10
20
C3 (µF)
12
5
Vs = 14.4 V
RL = 4 Ω
Rg = 10 kΩ
Gv = 1000/10 Ω
fripple = 100 Hz
C2 = 220 µF
C2 = 22 µF
C2 = 5 µF
Gv
(dB)
54
50
46
42
38
34
30
20
50
26
22
10
100
100
200
500
300
Vi (mV)
VS = 14.4 V
f = 1 kHz
RL = 4 Ω
Po = 6 W
Po = 0.5 W
30
Gv
24
6
8
24
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com