Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics TDA2004R Datasheet HTML 13Page - STMicroelectronics TDA2004R Datasheet HTML 14Page - STMicroelectronics TDA2004R Datasheet HTML 15Page - STMicroelectronics TDA2004R Datasheet HTML 16Page - STMicroelectronics TDA2004R Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA2004R
Application suggestion
Doc ID 17614 Rev 2
13/17
Figure 19.
Suggested LC network circuit
Figure 20.
Voltage gain bridge configuration
3.1.2
Short circuit (AC condition)
The TDA2004R can withstand a permanent short-circuit from the output to ground caused
by a wrong connection during normal working.
3.1.3
Polarity inversion
High current (up to 10 A) can be handled by the device with no damage for a longer period
than the blow-out time of a quick 2 A fuse (normally connected in series with the supply).
This feature is added to avoid destruction, if during fitting to the car, a mistake on the
connection of the supply is made.
3.1.4
Open ground
When the ratio is in the ON condition and the ground is accidentally opened, a standard
audio amplifier will be damaged. On the TDA2004R protection diodes are included to avoid
any damage.
3.1.5
Inductive load
A protection diode is provided to allow use of the TDA2004R with inductive loads.
3.1.6
DC voltage
The maximum operating DC voltage for the TDA2004R is 18 V. However the device can
withstand a DC voltage up to 28 V with no damage. This could occur during winter if two
batteries are series connected to crank the engine.
FROM
SUPPLY
LINE
L = 2mH
A
C
TO PIN
3000 µF
16V
Vs (V)
40
t1
t1 = 50ms
t2 = 1000ms
t2
t
14.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com