Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics TDA2004R Datasheet HTML 13Page - STMicroelectronics TDA2004R Datasheet HTML 14Page - STMicroelectronics TDA2004R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TDA2004R
Electrical specifications
Doc ID 17614 Rev 2
11/17
Figure 16.
Total power dissipation and
efficiency vs. output power (RL = 2 )
Figure 17.
Total power dissipation and efficiency
vs. output power (RL = 3.2 )
Figure 18. Maximum allowable power dissipa-
tion vs. ambient temperature
Ptot
(W)
10
60
40
20
12
η
(%)
η
2
4
6
8
20
24
Po (W)
8
412
16
Vs = 14.4 V
RL = 4 Ω
f = 1 kHz
Gv = 50 dB
Ptot
Ptot
(W)
60
40
20
6
η
(%)
η
2
4
10
12
Po (W)
4
26
8
Vs = 13.2 V
RL = 3.2 Ω
f = 1 kHz
Gv = 50 dB
Ptot
Ptot
(W)
32
28
24
20
-50
50
100
Tamb (˚C)
0
16
12
8
4
0
R
th
= 8˚C/W
R
th =
4˚C/W
R
th =
2˚C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com