Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2236C Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2236C Datasheet HTML 1Page - Monolithic Power Systems MP2236C Datasheet HTML 2Page - Monolithic Power Systems MP2236C Datasheet HTML 3Page - Monolithic Power Systems MP2236C Datasheet HTML 4Page - Monolithic Power Systems MP2236C Datasheet HTML 5Page - Monolithic Power Systems MP2236C Datasheet HTML 6Page - Monolithic Power Systems MP2236C Datasheet HTML 7Page - Monolithic Power Systems MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
4
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C
(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Shutdown supply current
IIN
VEN = 0V, TJ = 25°C
1
μA
Quiescent supply current
IQ
VFB = 0.63V
550
650
μA
High-side MOSFET (HS-FET)
on resistance
RDS(ON)_HS
VBST-SW = 3.3V
25
mΩ
Low-side MOSFET (LS-FET)
on resistance
RDS(ON)_LS
12
m
Ω
Switch leakage
SWLKG
VEN = 0V, VSW = 0V, TJ = 25°C
1
μA
Low-side (LS) valley current
limit
ILIMIT_L
6
7.5
A
Switching frequency
fSW
VIN = 12V, VOUT = 3.3V
480
600
720
kHz
Minimum off time (8)
tOFF_MIN
170
ns
Minimum on time (8)
tON_MIN
70
ns
Reference voltage
VFB
TJ = 25°C
594
600
606
mV
TJ = -40°C to +125°C
591
600
609
mV
Feedback (FB) current
IFB
VFB = 0.63V
10
50
nA
Enable (EN) rising threshold
VEN_RISING
1.12
1.2
1.28
V
EN hysteresis
VEN_HYS
200
mV
EN to GND pull-down resistor
REN
VEN = 2V
2
MΩ
VIN under-voltage lockout
(UVLO) rising threshold
VIN_UVLO_RISING
2.7
2.8
2.95
V
VIN UVLO threshold
hysteresis
VIN_UVLO_HYS
300
mV
VCC regulator voltage
VCC
ICC = 5mA
3.5
V
Under-voltage protection
(UVP) threshold 1 (8)
UVPTH1
Hiccup entry
80%
VREF
Soft-start time
tSS
TJ = 25°C, VOUT from 10% to
90%
0.5
1
1.5
ms
Thermal shutdown (8)
TSD
150
°C
Thermal hysteresis (8)
TSD_HYS
20
°C
Notes:
7)
Not tested in production. Guaranteed by over-temperature correlation.
8)
Derived by sample characterization. Not tested in production .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com