Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2236C Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2236C Datasheet HTML 7Page - Monolithic Power Systems MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems MP2236C Datasheet HTML 10Page - Monolithic Power Systems MP2236C Datasheet HTML 11Page - Monolithic Power Systems MP2236C Datasheet HTML 12Page - Monolithic Power Systems MP2236C Datasheet HTML 13Page - Monolithic Power Systems MP2236C Datasheet HTML 14Page - Monolithic Power Systems MP2236C Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
11
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
FB
VCC
AGND
EN
Constant-On-
Time (COT)
Control
On-Timer
2M
Ω
VCC
Regulator
Reference
Error Amplifier
Current Limit
Comparator
Current-Sense
Comparator
BST
Regulator
HS-FET
Driver
LS-FET
Driver
VCC
SW
BST
GND
IN
RSEN
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com